| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L15xRC Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L15xRC Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 136 page ![]() Pin descriptions STM32L151xC STM32L152xC 40/136 DocID022799 Rev 12 M2 24 15 G5 11 PA1 I/O FT PA1 TIM2_CH2/TIM5_CH2/ USART2_RTS/ LCD_SEG0 ADC_IN1/ COMP1_INP/ OPAMP1_VINP K3 25 16 H6 12 PA2 I/O FT PA2 TIM2_CH3/TIM5_CH3/ TIM9_CH1/USART2_TX /LCD_SEG1 ADC_IN2/ COMP1_INP/ OPAMP1_VINM L3 26 17 J7 13 PA3 I/O TC PA3 TIM2_CH4/TIM5_CH4/ TIM9_CH2/USART2_RX /LCD_SEG2 ADC_IN3/ COMP1_INP/ OPAMP1_VOUT E3 27 18 - - VSS_4 S- VSS_4 -- H3 28 19 - - VDD_4 S- VDD_4 -- M3 29 20 J6 14 PA4 I/O TC PA4 SPI1_NSS/SPI3_NSS/ I2S3_WS/ USART2_CK ADC_IN4/ DAC_OUT1/ COMP1_INP K4 30 21 H4 15 PA5 I/O TC PA5 TIM2_CH1_ETR/ SPI1_SCK ADC_IN5/ DAC_OUT2/ COMP1_INP L4 31 22 G4 16 PA6 I/O FT PA6 TIM3_CH1/TIM10_CH1/ SPI1_MISO/LCD_SEG3 ADC_IN6/ COMP1_INP/ OPAMP2_VINP M4 32 23 J5 17 PA7 I/O FT PA7 TIM3_CH2/TIM11_CH1/ SPI1_MOSI/LCD_SEG4 ADC_IN7/ COMP1_INP/ OPAMP2_VINM K5 33 24 F4 - PC4 I/O FT PC4 LCD_SEG22 ADC_IN14/ COMP1_INP L5 34 25 J4 - PC5 I/O FT PC5 LCD_SEG23 ADC_IN15/ COMP1_INP M5 35 26 J3 18 PB0 I/O TC PB0 TIM3_CH3/LCD_SEG5 ADC_IN8/ COMP1_INP/ OPAMP2_VOUT/ VLCDRAIL3/ VREF_OUT Table 9. STM32L151xC and STM32L152xC pin definitions (continued) Pins Pin name Main function(2) (after reset) Pin functions Alternate functions Additional functions |