Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F410RB Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STM32F410RB
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410RB Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STM32F410RB Datasheet HTML 10Page - STMicroelectronics STM32F410RB Datasheet HTML 11Page - STMicroelectronics STM32F410RB Datasheet HTML 12Page - STMicroelectronics STM32F410RB Datasheet HTML 13Page - STMicroelectronics STM32F410RB Datasheet HTML 14Page - STMicroelectronics STM32F410RB Datasheet HTML 15Page - STMicroelectronics STM32F410RB Datasheet HTML 16Page - STMicroelectronics STM32F410RB Datasheet HTML 17Page - STMicroelectronics STM32F410RB Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 142 page
background image
Description
STM32F410x8/B
14/142
DocID028094 Rev 5
2.1
Compatibility with STM32F4 series
The STM32F410x8/B are fully software and feature compatible with the STM32F4 series
(STM32F42x, STM32F401, STM32F43x, STM32F41x, STM32F405 and STM32F407)
The STM32F410x8/B can be used as drop-in replacement of the other STM32F4 products
but some slight changes have to be done on the PCB board.
Figure 1. Compatible board design for LQFP64 package
1. For STM32F410xB devices, pin 54 is bonded to PB11 instead of PD2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More