| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F410RB Fiches technique(PDF) 122 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F410RB Fiches technique(HTML) 122 Page - STMicroelectronics |
|
122 / 142 page ![]() Package information STM32F410x8/B 122/142 DocID028094 Rev 5 7.2 UFQFPN48 package information Figure 44. UFQFPN48 - 48-lead, 7x7 mm, 0.5 mm pitch, ultra thin fine pitch quad flat package outline 1. Drawing is not to scale. 2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life. 3. There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and solder this back-side pad to PCB ground. |