| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F410C8 Fiches technique(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F410C8 Fiches technique(HTML) 76 Page - STMicroelectronics |
|
76 / 142 page ![]() Electrical characteristics STM32F410x8/B 76/142 DocID028094 Rev 5 APB2 (up to 100 MHz) APB2 to AHB 0,22 0,19 0,17 µA/MHz TIM1 6,62 6,36 5,66 USART1 3,19 3,10 2,77 USART6 3,10 2,99 2,66 ADC1 3,35 3,25 2,88 SPI1/I2S1 1,82 1,77 1,58 SYSCFG 0,83 0,81 0,72 EXTI 0,92 0,88 0,80 TIM9 2,90 2,81 2,48 TIM11 2,13 2,06 1,81 SPI5/I2S5 1,88 1,83 1,59 Bus matrix 1.91 1.82 1.64 1. Valid if all the DMA streams are activated (please refer to the reference manual RM0401). Table 36. Peripheral current consumption (continued) Peripheral IDD (Typ) Unit Voltage scale1 Voltage scale2 Voltage scale3 |