| Moteur de recherche de fiches techniques de composants électroniques |
|
01CDU6 Fiches technique(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
01CDU6 Fiches technique(HTML) 54 Page - STMicroelectronics |
|
54 / 135 page ![]() Memory mapping STM32F401xD STM32F401xE 54/135 DocID025644 Rev 3 APB1 0x4000 7000 - 0x4000 73FF PWR 0x4000 6000 - 0x4000 6FFF Reserved 0x4000 5C00 - 0x4000 5FFF I2C3 0x4000 5800 - 0x4000 5BFF I2C2 0x4000 5400 - 0x4000 57FF I2C1 0x4000 4800 - 0x4000 53FF Reserved 0x4000 4400 - 0x4000 47FF USART2 0x4000 4000 - 0x4000 43FF I2S3ext 0x4000 3C00 - 0x4000 3FFF SPI3 / I2S3 0x4000 3800 - 0x4000 3BFF SPI2 / I2S2 0x4000 3400 - 0x4000 37FF I2S2ext 0x4000 3000 - 0x4000 33FF IWDG 0x4000 2C00 - 0x4000 2FFF WWDG 0x4000 2800 - 0x4000 2BFF RTC & BKP Registers 0x4000 1000 - 0x4000 27FF Reserved 0x4000 0C00 - 0x4000 0FFF TIM5 0x4000 0800 - 0x4000 0BFF TIM4 0x4000 0400 - 0x4000 07FF TIM3 0x4000 0000 - 0x4000 03FF TIM2 Table 10. STM32F401xD register boundary addresses (continued) Bus Boundary address Peripheral |