Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F358VCT7 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce STM32F358VCT7
Description  Operating conditions
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F358VCT7 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button STM32F358VCT7 Datasheet HTML 24Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 25Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 26Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 27Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 28Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 29Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 30Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 31Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 134 page
background image
Functional overview
STM32F358xC
28/134
DocID025540 Rev 4
Table 10. Capacitive sensing GPIOs available on STM32F358xC devices
Group
Capacitive sensing
signal name
Pin
name
Group
Capacitive sensing
signal name
Pin
name
1
TSC_G1_IO1
PA0
5
TSC_G5_IO1
PB3
TSC_G1_IO2
PA1
TSC_G5_IO2
PB4
TSC_G1_IO3
PA2
TSC_G5_IO3
PB6
TSC_G1_IO4
PA3
TSC_G5_IO4
PB7
2
TSC_G2_IO1
PA4
6
TSC_G6_IO1
PB11
TSC_G2_IO2
PA5
TSC_G6_IO2
PB12
TSC_G2_IO3
PA6
TSC_G6_IO3
PB13
TSC_G2_IO4
PA7
TSC_G6_IO4
PB14
3
TSC_G3_IO1
PC5
7
TSC_G7_IO1
PE2
TSC_G3_IO2
PB0
TSC_G7_IO2
PE3
TSC_G3_IO3
PB1
TSC_G7_IO3
PE4
4
TSC_G4_IO1
PA9
TSC_G7_IO4
PE5
TSC_G4_IO2
PA10
8
TSC_G8_IO1
PD12
TSC_G4_IO3
PA13
TSC_G8_IO2
PD13
TSC_G4_IO4
PA14
TSC_G8_IO3
PD14
TSC_G8_IO4
PD15
Table 11. No. of capacitive sensing channels available on
STM32F358xC devices
Analog I/O group
Number of capacitive sensing channels
STM32F358xVx
STM32F358xRx
STM32F358xCx
G1
3
3
3
G2
3
3
3
G3
2
2
1
G4
3
3
3
G5
3
3
3
G6
3
3
3
G7
3
0
0
G8
3
0
0
Number of capacitive
sensing channels
23
17
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More