Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F303X8 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce STM32F303X8
Description  Up to 64 Kbytes of Flash memory
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X8 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button STM32F303X8 Datasheet HTML 25Page - STMicroelectronics STM32F303X8 Datasheet HTML 26Page - STMicroelectronics STM32F303X8 Datasheet HTML 27Page - STMicroelectronics STM32F303X8 Datasheet HTML 28Page - STMicroelectronics STM32F303X8 Datasheet HTML 29Page - STMicroelectronics STM32F303X8 Datasheet HTML 30Page - STMicroelectronics STM32F303X8 Datasheet HTML 31Page - STMicroelectronics STM32F303X8 Datasheet HTML 32Page - STMicroelectronics STM32F303X8 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 115 page
background image
DocID025083 Rev 5
29/115
STM32F303x6/x8
Functional overview
43
3
TSC_G3_IO1
PC5
TSC_G3_IO2
PB0
TSC_G3_IO3
PB1
TSC_G3_IO4
PB2
4
TSC_G4_IO1
PA9
TSC_G4_IO2
PA10
TSC_G4_IO3
PA13
TSC_G4_IO4
PA14
5
TSC_G5_IO1
PB3
TSC_G5_IO2
PB4
TSC_G5_IO3
PB6
TSC_G5_IO4
PB7
6
TSC_G6_IO1
PB11
TSC_G6_IO2
PB12
TSC_G6_IO3
PB13
TSC_G6_IO4
PB14
Table 11. Capacitive sensing GPIO available
Group
Capacitive sensing group
name
Pin name
1
TSC_G1_IO1
PA0
TSC_G1_IO2
PA1
TSC_G1_IO3
PA2
TSC_G1_IO4
PA3
2
TSC_G2_IO1
PA4
TSC_G2_IO2
PA5
TSC_G2_IO3
PA6
TSC_G2_IO4
PA7
3
TSC_G3_IO1
PC5
TSC_G3_IO2
PB0
TSC_G3_IO3
PB1
TSC_G3_IO1
PC5
Table 10. Capacitive sensing GPIOs available on STM32F303x6/8 devices (continued)
Group
Capacitive sensing group name
Pin name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More