| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F303R8 Fiches technique(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303R8 Fiches technique(HTML) 36 Page - STMicroelectronics |
|
36 / 115 page ![]() Pinout and pin descriptions STM32F303x6/x8 36/115 DocID025083 Rev 5 - 28 36 PB15 I/O TTa TIM15_CH2, TIM15_CH1N, TIM1_CH3N, EVENTOUT ADC2_IN15, COMP6_INM, RTC_REFIN - - 37 PC6 I/O FT EVENTOUT, TIM3_CH1, COMP6_OUT - - - 38 PC7 I/O FT EVENTOUT, TIM3_CH2, - - - 39 PC8 I/O FT EVENTOUT, TIM3_CH3, - - - 40 PC9 I/O FT EVENTOUT, TIM3_CH4, - 18 29 41 PA8 I/O FT MCO, TIM1_CH1, USART1_CK, EVENTOUT - 19 30 42 PA9 I/O FT TSC_G4_IO1, TIM1_CH2, USART1_TX, TIM15_BKIN, TIM2_CH3, EVENTOUT - 20 31 43 PA10 I/O FT TIM17_BKIN, TSC_G4_IO2, TIM1_CH3, USART1_RX, COMP6_OUT, TIM2_CH4, EVENTOUT - 21 32 44 PA11 I/O FT TIM1_CH1N, USART1_CTS, CAN_RX, TIM1_CH4, TIM1_BKIN2, EVENTOUT - 22 33 45 PA12 I/O FT TIM16_CH1, TIM1_CH2N, USART1_RTS_DE, COMP2_OUT, CAN_TX, TIM1_ETR, EVENTOUT - 23 34 46 PA13 I/O FT JTMS/SWDAT, TIM16_CH1N, TSC_G4_IO3, IR_OUT, USART3_CTS, EVENTOUT - -35 47 VSS S - - - -36 48 VDD S - - - 24 37 49 PA14 I/O FTf JTCK/SWCLK, TSC_G4_IO4, I2C1_SDA, TIM1_BKIN, USART2_TX, EVENTOUT - Table 14. STM32F303x6/8 pin definitions (continued) Pin Number Pin name (function after reset) Pin functions LQFP 32 LQFP 48 LQFP 64 Alternate functions Additional functions |