Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F303C8 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STM32F303C8
Description  Up to 64 Kbytes of Flash memory
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303C8 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STM32F303C8 Datasheet HTML 31Page - STMicroelectronics STM32F303C8 Datasheet HTML 32Page - STMicroelectronics STM32F303C8 Datasheet HTML 33Page - STMicroelectronics STM32F303C8 Datasheet HTML 34Page - STMicroelectronics STM32F303C8 Datasheet HTML 35Page - STMicroelectronics STM32F303C8 Datasheet HTML 36Page - STMicroelectronics STM32F303C8 Datasheet HTML 37Page - STMicroelectronics STM32F303C8 Datasheet HTML 38Page - STMicroelectronics STM32F303C8 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 115 page
background image
DocID025083 Rev 5
35/115
STM32F303x6/x8
Pinout and pin descriptions
43
12
16
22
PA6(3)
I/O
TTa
TIM16_CH1, TIM3_CH1,
TSC_G2_IO3,
SPI1_MISO,
TIM1_BKIN, ,
EVENTOUT
ADC2_IN3(2), DAC2_OUT1,
OPAMP2_VOUT
13
17
23
PA7
I/O
TTa
TIM17_CH1, TIM3_CH2,
TSC_G2_IO4,
SPI1_MOSI,
TIM1_CH1N,
EVENTOUT
ADC2_IN4(2), COMP2_INP,
OPAMP2_VINP
-
-
24
PC4
I/O
TTa
EVENTOUT, TIM1_ETR,
USART1_TX
ADC2_IN5(2)
-
-
25
PC5
I/O
TTa
EVENTOUT,
TIM15_BKIN,
TSC_G3_IO1,
USART1_RX
ADC2_IN11, OPAMP2_VINM
14
18
26
PB0
I/O
TTa
TIM3_CH3,
TSC_G3_IO2,
TIM1_CH2N,
EVENTOUT
ADC1_IN11, COMP4_INP,
OPAMP2_VINP
15
19
27
PB1
I/O
TTa
TIM3_CH4,
TSC_G3_IO3,
TIM1_CH3N,
COMP4_OUT,
EVENTOUT
ADC1_IN12
-
20
28
PB2
I/O
TTa
TSC_G3_IO4,
EVENTOUT
ADC2_IN12, COMP4_INM
-
21
29
PB10
I/O
TT
TIM2_CH3, TSC_SYNC,
USART3_TX,
EVENTOUT
-
-
22
30
PB11
I/O
TTa
TIM2_CH4,
TSC_G6_IO1,
USART3_RX,
EVENTOUT
COMP6_INP
16
23
31
VSS
S
-
Digital ground
17
24
32
VDD
S
-
Digital power supply
-
25
33
PB12
I/O
TTa
TSC_G6_IO2,
TIM1_BKIN,
USART3_CK,
EVENTOUT
ADC2_IN13
-
26
34
PB13
I/O
TTa
TSC_G6_IO3,
TIM1_CH1N,
USART3_CTS,
EVENTOUT
ADC1_IN13
-
27
35
PB14
I/O
TTa
TIM15_CH1,
TSC_G6_IO4,
TIM1_CH2N,
USART3_RTS_DE,
EVENTOUT
ADC2_IN14, OPAMP2_VINP
Table 14. STM32F303x6/8 pin definitions (continued)
Pin Number
Pin name (function
after reset)
Pin functions
LQFP
32
LQFP
48
LQFP
64
Alternate
functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More