| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F302C8 Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302C8 Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 138 page ![]() DocID025147 Rev 6 31/138 STM32F302x6 STM32F302x8 Functional overview 52 3.24 Development support 3.24.1 Serial wire JTAG debug port (SWJ-DP) The ARM SWJ-DP Interface is embedded, and is a combined JTAG and serial wire debug port that enables either a serial wire debug or a JTAG probe to be connected to the target. The JTAG TMS and TCK pins are shared respectively with SWDIO and SWCLK and a specific sequence on the TMS pin is used to switch between JTAG-DP and SW-DP. |