| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F302R6 Fiches technique(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302R6 Fiches technique(HTML) 52 Page - STMicroelectronics |
|
52 / 138 page ![]() Memory mapping STM32F302x6 STM32F302x8 52/138 DocID025147 Rev 6 0x0004 0000 - 0x07FF FFFF ~128 M Reserved APB1 0x0000 000 - 0x0000 FFFF 64 K Main Flash memory, system memory or SRAM depending on BOOT configuration 1. The gray color is used for reserved Flash memory addresses. Table 18. STM32F302x6 STM32F302x8 peripheral register boundary addresses (continued)(1) Bus Boundary address Size (bytes) Peripheral |