| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F302X6 Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302X6 Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 138 page ![]() 20 C2 31 43 PA10 I/O FTf - TIM17_BKIN, TSC_G4_IO2, I2C2_SDA, SPI2_MISO/I2S2ext_SD, TIM1_CH3, USART1_RX, COMP6_OUT, TIM2_CH4, EVENTOUT - 21 C1 32 44 PA11 I/O FT - SPI2_MOSI/I2S2_SD, TIM1_CH1N, USART1_CTS, CAN_RX,TIM1_CH4, TIM1_BKIN2, EVENTOUT USB_DM 22 C3 33 45 PA12 I/O FT - TIM16_CH1, I2SCKIN, TIM1_CH2N, USART1_RTS_DE, COMP2_OUT, CAN_TX, TIM1_ETR, EVENTOUT USB_DP 23 B3 34 46 PA13 I/O FT - SWDIO, TIM16_CH1N, TSC_G4_IO3, IR-OUT, USART3_CTS, EVENTOUT - - B1 35 47 VSS_3 S - - Digital ground - B2 36 48 VDD_3 S - - Digital power supply 24 A1 37 49 PA14 I/O FTf - SWCLK-JTCK, TSC_G4_IO4, I2C1_SDA, TIM1_BKIN, USART2_TX, EVENTOUT - 25 A2 38 50 PA15 I/O FTf - JTDI, TIM2_CH1/TIM2_ETR, TSC_SYNC, I2C1_SCL, SPI3_NSS/I2S3_WS, USART2_RX, TIM1_BKIN, EVENTOUT - Table 12. STM32F302x6/8 pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |