Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F100VC Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce STM32F100VC
Description  Clock, reset and supply management
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100VC Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button STM32F100VC Datasheet HTML 23Page - STMicroelectronics STM32F100VC Datasheet HTML 24Page - STMicroelectronics STM32F100VC Datasheet HTML 25Page - STMicroelectronics STM32F100VC Datasheet HTML 26Page - STMicroelectronics STM32F100VC Datasheet HTML 27Page - STMicroelectronics STM32F100VC Datasheet HTML 28Page - STMicroelectronics STM32F100VC Datasheet HTML 29Page - STMicroelectronics STM32F100VC Datasheet HTML 30Page - STMicroelectronics STM32F100VC Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 106 page
background image
DocID15081 Rev 10
27/106
STM32F100xC, STM32F100xD, STM32F100xE
Pinouts and pin descriptions
34
40
29
20
PA4
I/O
-
PA4
SPI1_NSS(8)/
USART2_CK(8)
DAC_OUT1/ADC_IN4
-
41
30
21
PA5
I/O
-
PA5
SPI1_SCK(8)
DAC_OUT2/ADC_IN5
-
42
31
22
PA6
I/O
-
PA6
SPI1_MISO(8)/
ADC_IN6 /
TIM3_CH1(8)
TIM1_BKIN /
TIM16_CH1
43
32
23
PA7
I/O
-
PA7
SPI1_MOSI(8)/
ADC_IN7 /
TIM3_CH2(8)
TIM1_CH1N/
TIM17_CH1
44
33
24
PC4
I/O
-
PC4
ADC_IN14 / TIM12_CH1
-
45
34
25
PC5
I/O
-
PC5
ADC_IN15 / TIM12_CH2
-
46
35
26
PB0
I/O
-
PB0
ADC_IN8/TIM3_CH3
TIM1_CH2N /
TIM13_CH1
47
36
27
PB1
I/O
-
PB1
ADC_IN9/TIM3_CH4(8)
TIM1_CH3N /
TIM14_CH1
48
37
28
PB2
I/O FT
PB2/BOOT1
-
-
49
-
-
PF11
I/O FT
PF11
-
-
50
-
-
PF12
I/O FT
PF12
FSMC_A6
-
51
-
-
VSS_6
S-
VSS_6
--
52
-
-
VDD_6
S-
VDD_6
--
53
-
-
PF13
I/O FT
PF13
FSMC_A7
-
54
-
-
PF14
I/O FT
PF14
FSMC_A8
-
55
-
-
PF15
I/O FT
PF15
FSMC_A9
-
56
-
-
PG0
I/O FT
PG0
FSMC_A10
-
57
-
-
PG1
I/O FT
PG1
FSMC_A11
-
58
38
-
PE7
I/O FT
PE7
FSMC_D4
TIM1_ETR
59
39
-
PE8
I/O FT
PE8
FSMC_D5
TIM1_CH1N
60
40
-
PE9
I/O FT
PE9
FSMC_D6
TIM1_CH1
61
-
-
VSS_7
S-
VSS_7
--
62
-
-
VDD_7
S-
VDD_7
--
63
41
-
PE10
I/O FT
PE10
FSMC_D7
TIM1_CH2N
64
42
-
PE11
I/O FT
PE11
FSMC_D8
TIM1_CH2
65
43
-
PE12
I/O FT
PE12
FSMC_D9
TIM1_CH3N
Table 4. High-density STM32F100xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More