| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F100xE Fiches technique(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F100xE Fiches technique(HTML) 83 Page - STMicroelectronics |
|
83 / 106 page ![]() DocID15081 Rev 10 83/106 STM32F100xC, STM32F100xD, STM32F100xE Electrical characteristics 105 Figure 32. SPI timing diagram - master mode 1. Measurement points are done at CMOS levels: 0.3VDD and 0.7VDD. HDMI consumer electronics control (CEC) Refer to Section 5.3.13: I/O current injection characteristics for more details on the input/output alternate function characteristics. 5.3.18 12-bit ADC characteristics Unless otherwise specified, the parameters given in Table 51 are preliminary values derived from tests performed under the ambient temperature, fPCLK2 frequency and VDDA supply voltage conditions summarized in Table 9. Note: It is recommended to perform a calibration after each power-up. |