Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F042C6 Fiches technique(PDF) 94 Page - STMicroelectronics

No de pièce STM32F042C6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042C6 Fiches technique(HTML) 94 Page - STMicroelectronics

Back Button STM32F042C6 Datasheet HTML 90Page - STMicroelectronics STM32F042C6 Datasheet HTML 91Page - STMicroelectronics STM32F042C6 Datasheet HTML 92Page - STMicroelectronics STM32F042C6 Datasheet HTML 93Page - STMicroelectronics STM32F042C6 Datasheet HTML 94Page - STMicroelectronics STM32F042C6 Datasheet HTML 95Page - STMicroelectronics STM32F042C6 Datasheet HTML 96Page - STMicroelectronics STM32F042C6 Datasheet HTML 97Page - STMicroelectronics STM32F042C6 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 117 page
background image
Package information
STM32F042x4 STM32F042x6
94/117
DocID025832 Rev 5
Figure 37. Recommended footprint for UFQFPN48 package
1. Dimensions are expressed in millimeters.
Table 67. UFQFPN48 package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.500
0.550
0.600
0.0197
0.0217
0.0236
A1
0.000
0.020
0.050
0.0000
0.0008
0.0020
D
6.900
7.000
7.100
0.2717
0.2756
0.2795
E
6.900
7.000
7.100
0.2717
0.2756
0.2795
D2
5.500
5.600
5.700
0.2165
0.2205
0.2244
E2
5.500
5.600
5.700
0.2165
0.2205
0.2244
L
0.300
0.400
0.500
0.0118
0.0157
0.0197
T
-
0.152
-
-
0.0060
-
b
0.200
0.250
0.300
0.0079
0.0098
0.0118
e
-
0.500
-
-
0.0197
-
ddd
-
-
0.080
-
-
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More