Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F070C6 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STM32F070C6
Description  Reset and power management
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F070C6 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STM32F070C6 Datasheet HTML 27Page - STMicroelectronics STM32F070C6 Datasheet HTML 28Page - STMicroelectronics STM32F070C6 Datasheet HTML 29Page - STMicroelectronics STM32F070C6 Datasheet HTML 30Page - STMicroelectronics STM32F070C6 Datasheet HTML 31Page - STMicroelectronics STM32F070C6 Datasheet HTML 32Page - STMicroelectronics STM32F070C6 Datasheet HTML 33Page - STMicroelectronics STM32F070C6 Datasheet HTML 34Page - STMicroelectronics STM32F070C6 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 83 page
background image
Table 12. Alternate functions selected through GPIOB_AFR registers for port B
Pin name
AF0
AF1
AF2
AF3
AF4
AF5
PB0
EVENTOUT
TIM3_CH3
TIM1_CH2N
-
USART3_CK(1)
1. Available on STM32F070xB devices only.
-
PB1
TIM14_CH1
TIM3_CH4
TIM1_CH3N
-
USART3_RTS(1)
-
PB2
-
----
-
PB3
SPI1_SCK
EVENTOUT
-
-
-
-
PB4
SPI1_MISO
TIM3_CH1
EVENTOUT
-
-
TIM17_BKIN
PB5
SPI1_MOSI
TIM3_CH2
TIM16_BKIN
I2C1_SMBA
-
-
PB6
USART1_TX
I2C1_SCL
TIM16_CH1N
-
-
-
PB7
USART1_RX
I2C1_SDA
TIM17_CH1N
-
USART4_CTS(1)
-
PB8
-
I2C1_SCL
TIM16_CH1
-
-
-
PB9
IR_OUT
I2C1_SDA
TIM17_CH1
EVENTOUT
-
SPI2_NSS(1)
PB10
-
I2C2_SCL(1)
-
-
USART3_TX(1)
SPI2_SCK(1)
PB11
EVENTOUT
I2C2_SDA(1)
-
-
USART3_RX(1)
-
PB12
SPI2_NSS(1)
EVENTOUT
TIM1_BKIN
-
USART3_CK(1)
TIM15_BKIN(1)
PB13
SPI2_SCK(1)
-
TIM1_CH1N
-
USART3_CTS(1)
I2C2_SCL(1)
PB14
SPI2_MISO(1)
TIM15_CH1
TIM1_CH2N
-
USART3_RTS(1)
I2C2_SDA(1)
PB15
SPI2_MOSI(1)
TIM15_CH2
TIM1_CH3N
TIM15_CH1N(1)
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83