Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F048T6 Fiches technique(PDF) 85 Page - STMicroelectronics

No de pièce STM32F048T6
Description  CRC calculation unit
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F048T6 Fiches technique(HTML) 85 Page - STMicroelectronics

Back Button STM32F048T6 Datasheet HTML 81Page - STMicroelectronics STM32F048T6 Datasheet HTML 82Page - STMicroelectronics STM32F048T6 Datasheet HTML 83Page - STMicroelectronics STM32F048T6 Datasheet HTML 84Page - STMicroelectronics STM32F048T6 Datasheet HTML 85Page - STMicroelectronics STM32F048T6 Datasheet HTML 86Page - STMicroelectronics STM32F048T6 Datasheet HTML 87Page - STMicroelectronics STM32F048T6 Datasheet HTML 88Page - STMicroelectronics STM32F048T6 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
DocID026007 Rev 6
85/98
STM32F048C6 STM32F048G6 STM32F048T6
Package information
94
Figure 30. Recommended footprint for UFQFPN48 package
1. Dimensions are expressed in millimeters.
Table 64. UFQFPN48 package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.500
0.550
0.600
0.0197
0.0217
0.0236
A1
0.000
0.020
0.050
0.0000
0.0008
0.0020
D
6.900
7.000
7.100
0.2717
0.2756
0.2795
E
6.900
7.000
7.100
0.2717
0.2756
0.2795
D2
5.500
5.600
5.700
0.2165
0.2205
0.2244
E2
5.500
5.600
5.700
0.2165
0.2205
0.2244
L
0.300
0.400
0.500
0.0118
0.0157
0.0197
T
-
0.152
-
-
0.0060
-
b
0.200
0.250
0.300
0.0079
0.0098
0.0118
e
-
0.500
-
-
0.0197
-
ddd
-
-
0.080
-
-
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98