| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F048C6 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F048C6 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 98 page ![]() DocID026007 Rev 6 29/98 STM32F048C6 STM32F048G6 STM32F048T6 Pinouts and pin descriptions 33 17 F4 13 PA7 I/O TTa - SPI1_MOSI, I2S1_SD, TIM3_CH2, TIM14_CH1, TIM1_CH1N, TIM17_CH1, TSC_G2_IO4, EVENTOUT ADC_IN7 18 F3 14 PB0 I/O TTa - TIM3_CH3, TIM1_CH2N, TSC_G3_IO2, EVENTOUT ADC_IN8 19 - - PB1 I/O TTa - TIM3_CH4, TIM14_CH1, TIM1_CH3N, TSC_G3_IO3 ADC_IN9 - D2 - PB2 I/O FT - TSC_G3_IO4 - 20 F2 15 NPOR I POR (4) Device power-on reset input 21 - - PB10 I/O FTf - SPI2_SCK, CEC, TSC_SYNC, TIM2_CH3, I2C1_SCL - 22 - - PB11 I/O FTf - TIM2_CH4, EVENTOUT, I2C1_SDA - 23 F1 16 VSS S - - Ground 24 - 17 VDD S - - Digital power supply 25 - - PB12 I/O FT - TIM1_BKIN, SPI2_NSS, EVENTOUT - 26 - - PB13 I/O FTf - SPI2_SCK, TIM1_CH1N, I2C1_SCL - 27 - - PB14 I/O FTf - SPI2_MISO, TIM1_CH2N, I2C1_SDA - 28 - - PB15 I/O FT - SPI2_MOSI, TIM1_CH3N WKUP7, RTC_REFIN 29 E2 - PA8 I/O FT (5) USART1_CK, TIM1_CH1, EVENTOUT, MCO, CRS_SYNC - 30 D1 19 PA9 I/O FTf (5) USART1_TX, TIM1_CH2, TSC_G4_IO1, I2C1_SCL - 31 C1 20 PA10 I/O FTf (5) USART1_RX, TIM1_CH3, TIM17_BKIN, TSC_G4_IO2, I2C1_SDA - Table 12. STM32F048x6 pin definitions (continued) Pin numbers Pin name (function upon reset) Pin type Pin functions Alternate function Additional functions |