| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F042K4 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F042K4 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 117 page ![]() DocID025832 Rev 5 33/117 STM32F042x4 STM32F042x6 Pinouts and pin descriptions 38 14 C3 10 10 10 10 PA4 I/O TTa - SPI1_NSS, I2S1_WS, TIM14_CH1, TSC_G2_IO1, USART2_CK USB_NOE ADC_IN4 15 D3 11 11 11 11 PA5 I/O TTa - SPI1_SCK, I2S1_CK, CEC, TIM2_CH1_ETR, TSC_G2_IO2 ADC_IN5 16 E3 12 12 12 12 PA6 I/O TTa - SPI1_MISO, I2S1_MCK, TIM3_CH1, TIM1_BKIN, TIM16_CH1, TSC_G2_IO3, EVENTOUT ADC_IN6 17 F4 13 13 13 13 PA7 I/O TTa - SPI1_MOSI, I2S1_SD, TIM3_CH2, TIM14_CH1, TIM1_CH1N, TIM17_CH1, TSC_G2_IO4, EVENTOUT ADC_IN7 18 F3 14 14 14 - PB0 I/O TTa - TIM3_CH3, TIM1_CH2N, TSC_G3_IO2, EVENTOUT ADC_IN8 19 F2 15 15 15 14 PB1 I/O TTa - TIM3_CH4, TIM14_CH1, TIM1_CH3N, TSC_G3_IO3 ADC_IN9 20 D2 - 16 - - PB2 I/O FT - TSC_G3_IO4 - 21 - - - - - PB10 I/O FTf - SPI2_SCK, CEC, TSC_SYNC, TIM2_CH3, I2C1_SCL - 22 - - - - - PB11 I/O FTf - TIM2_CH4, EVENTOUT, I2C1_SDA - 23 F1 16 0 16 15 VSS S - - Ground 24 - - - 17 16 VDD S - - Digital power supply 25 - - - - - PB12 I/O FT - TIM1_BKIN, SPI2_NSS, EVENTOUT - Table 13. STM32F042x pin definitions (continued) Pin numbers Pin name (function upon reset) Pin type Pin functions Alternate function Additional functions |