| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F042K4 Fiches technique(PDF) 103 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F042K4 Fiches technique(HTML) 103 Page - STMicroelectronics |
|
103 / 117 page ![]() DocID025832 Rev 5 103/117 STM32F042x4 STM32F042x6 Package information 113 Figure 46. Recommended footprint for UFQFPN32 package 1. Dimensions are expressed in millimeters. Table 71. UFQFPN32 package mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Min Typ Max Min Typ Max A 0.500 0.550 0.600 0.0197 0.0217 0.0236 A1 0.000 0.020 0.050 0.0000 0.0008 0.0020 A3 - 0.152 - - 0.0060 - b 0.180 0.230 0.280 0.0071 0.0091 0.0110 D 4.900 5.000 5.100 0.1929 0.1969 0.2008 D1 3.400 3.500 3.600 0.1339 0.1378 0.1417 D2 3.400 3.500 3.600 0.1339 0.1378 0.1417 E 4.900 5.000 5.100 0.1929 0.1969 0.2008 E1 3.400 3.500 3.600 0.1339 0.1378 0.1417 E2 3.400 3.500 3.600 0.1339 0.1378 0.1417 e - 0.500 - - 0.0197 - L 0.300 0.400 0.500 0.0118 0.0157 0.0197 ddd - - 0.080 - - 0.0031 |