| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F042F4 Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F042F4 Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 117 page ![]() DocID025832 Rev 5 17/117 STM32F042x4 STM32F042x6 Functional overview 27 Figure 2. Clock tree 3.7 General-purpose inputs/outputs (GPIOs) Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as input (with or without pull-up or pull-down) or as peripheral alternate function. Most of the GPIO pins are shared with digital or analog alternate functions. |