Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8TL53x4 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STM8TL53x4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL53x4 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STM8TL53x4 Datasheet HTML 5Page - STMicroelectronics STM8TL53x4 Datasheet HTML 6Page - STMicroelectronics STM8TL53x4 Datasheet HTML 7Page - STMicroelectronics STM8TL53x4 Datasheet HTML 8Page - STMicroelectronics STM8TL53x4 Datasheet HTML 9Page - STMicroelectronics STM8TL53x4 Datasheet HTML 10Page - STMicroelectronics STM8TL53x4 Datasheet HTML 11Page - STMicroelectronics STM8TL53x4 Datasheet HTML 12Page - STMicroelectronics STM8TL53x4 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
DocID022344 Rev 7
9/84
STM8TL52x4 STM8TL53x4
Description
25
2
Description
The STM8TL52x4 and STM8TL53x4 devices feature the enhanced STM8 CPU core
providing increased processing power (up to 16 MIPS at 16 MHz) while maintaining the
advantages of a CISC architecture with improved code density, a 24-bit linear addressing
space and an optimized architecture for low power operations. It uses a ProxSense charge
transfer capacitive acquisition method that is capable of near range proximity detection.
The family includes an integrated debug module with a hardware interface (SWIM) which
allows non-intrusive in-application debugging and ultrafast Flash programming. All
STM8TL52x4 and STM8TL53x4 microcontrollers feature low-power low-voltage single-
supply program Flash memory.
The STM8TL52x4 and STM8TL53x4 devices are based on a generic set of state-of-the-art
peripherals. The modular design of the peripheral set allows the same peripherals to be
found in different ST microcontroller families including 32-bit families. This makes any
transition to a different family very easy, and simplified even more by the use of a common
set of development tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84