| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8TL53x4 Fiches technique(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8TL53x4 Fiches technique(HTML) 55 Page - STMicroelectronics |
|
55 / 84 page ![]() DocID022344 Rev 7 55/84 STM8TL52x4 STM8TL53x4 Electrical parameters 70 Table 29. Program memory endurance and retention Parameter Conditions Min. Typ. Max. Unit Endurance TA = –40 to 85°C 10(1) 1. Data based on characterization results, not tested in production. - - kcycles Data retention 10 kcycles at TA = 85°c 30(1) - - Years Table 30. Data memory endurance and retention Parameter Conditions Min. Typ. Max. Unit Endurance TA = 40 to 85°C 300(1)(2) 1. Data based on characterization results, not tested in production. 2. Data based on characterization performed on the whole data memory (2 Kbyte). - - kcycles Data retention 300 kcycles at TA = 85°c 30(1) -- Years |