Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8S105C4 Fiches technique(PDF) 101 Page - STMicroelectronics

No de pièce STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Fiches technique(HTML) 101 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 97Page - STMicroelectronics STM8S105C4 Datasheet HTML 98Page - STMicroelectronics STM8S105C4 Datasheet HTML 99Page - STMicroelectronics STM8S105C4 Datasheet HTML 100Page - STMicroelectronics STM8S105C4 Datasheet HTML 101Page - STMicroelectronics STM8S105C4 Datasheet HTML 102Page - STMicroelectronics STM8S105C4 Datasheet HTML 103Page - STMicroelectronics STM8S105C4 Datasheet HTML 104Page - STMicroelectronics STM8S105C4 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 121 page
background image
DocID14771 Rev 15
101/121
STM8S105x4/6
Package information
107
11.4
UFQFPN32 package information
Figure 56. UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra thin fine pitch quad flat
package outline
1. Drawing is not to scale.
2. All leads/pads should be soldered to the PCB to improve the lead/pad solder joint life.
3. There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and
solder this backside pad to PCB ground.
4. Dimensions are in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More