Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8S105C4 Fiches technique(PDF) 96 Page - STMicroelectronics

No de pièce STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Fiches technique(HTML) 96 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 92Page - STMicroelectronics STM8S105C4 Datasheet HTML 93Page - STMicroelectronics STM8S105C4 Datasheet HTML 94Page - STMicroelectronics STM8S105C4 Datasheet HTML 95Page - STMicroelectronics STM8S105C4 Datasheet HTML 96Page - STMicroelectronics STM8S105C4 Datasheet HTML 97Page - STMicroelectronics STM8S105C4 Datasheet HTML 98Page - STMicroelectronics STM8S105C4 Datasheet HTML 99Page - STMicroelectronics STM8S105C4 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 121 page
background image
Package information
STM8S105x4/6
96/121
DocID14771 Rev 15
Figure 51. LQFP44 - 44-pin, 10 x 10 mm low-profile quad flat package
recommended footprint
1. Dimensions are expressed in millimeters.
Device marking
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More