| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8S005K6 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S005K6 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 97 page ![]() DocID022186 Rev 4 21/97 STM8S005C6 STM8S005K6 Pinouts and pin descriptions 25 5 Pinouts and pin descriptions Figure 3. LQFP 48-pin pinout 1. (HS) high sink capability. 2. (T) True open drain (P-buffer and protection diode to VDD not implemented). 3. [ ] alternate function remapping option (If the same alternate function is shown twice, it indicates an exclusive choice not a duplication of the function). 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22 1 2 3 4 5 6 7 8 9 10 11 48 47 46 45 (HS) PA6 PC1 (HS) /TIM1_CH1/UART2_CK PE5/SPI_NSS PG1 VSSIO_2 PC5 (HS)/SPI_SCK PC4 (HS) /TIM1_CH4 PC3 (HS) /TIM1_CH3 P C2 (HS) /TIM1_CH2 PG0 PC7 (HS)/SPI_MISO PC6 (HS)/SPI_MOSI VDDIO_2 VSS VCAP VDD VDDIO_1 [TIM3_CH1] TIM2_CH3/PA3 (HS) PA4 (HS) PA5 NRST OSCIN/PA1 OSCOUT/PA2 VSSIO_1 |