Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8S005C6 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce STM8S005C6
Description  Extended instruction set
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button STM8S005C6 Datasheet HTML 37Page - STMicroelectronics STM8S005C6 Datasheet HTML 38Page - STMicroelectronics STM8S005C6 Datasheet HTML 39Page - STMicroelectronics STM8S005C6 Datasheet HTML 40Page - STMicroelectronics STM8S005C6 Datasheet HTML 41Page - STMicroelectronics STM8S005C6 Datasheet HTML 42Page - STMicroelectronics STM8S005C6 Datasheet HTML 43Page - STMicroelectronics STM8S005C6 Datasheet HTML 44Page - STMicroelectronics STM8S005C6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
DocID022186 Rev 4
41/97
STM8S005C6 STM8S005K6
Option bytes
41
Table 13. Description of alternate function remapping bits [7:0] of OPT2
Option byte number
Description(1)
1.
Do not use more than one remapping option in the same port.
OPT2
AFR7Alternate function remapping option 7
0: AFR7 remapping option inactive: default alternate function(2)
1: Port D4 alternate function = BEEP
AFR6 Alternate function remapping option 6
0: AFR6 remapping option inactive: default alternate function(2)
1: Port B5 alternate function = I2C_SDA; port B4 alternate function =
I2C_SCL
AFR5 Alternate function remapping option 5
0: AFR5 remapping option inactive: default alternate function(2)
1: Port B3 alternate function = TIM1_ETR, port B2 alternate function =
TIM1_CH3N, port B1 alternate function = TIM1_CH2N, port B0 alternate
function = TIM1_CH1N
AFR4 Alternate function remapping option 4
0: AFR4 remapping option inactive: default alternate function(2)
1: Port D alternate function = TIM1_CH4
AFR3 Alternate function remapping option 3
0: AFR3 remapping option inactive: default alternate function(2)
1: Port D0 alternate function = TIM1_BKIN
AFR2 Alternate function remapping option 2
0: AFR2 remapping option inactive: default alternate function(2)
1: Port D0 alternate function = CLK_CCO
Note: AFR2 option has priority over AFR3 if both are activated
AFR1 Alternate function remapping option 1
0: AFR1 remapping option inactive: default alternate function(2)
1: Port A3 alternate function = TIM3_CH1; port D2 alternate function
TIM2_CH3
AFR0 Alternate function remapping option 0
0: AFR0 remapping option inactive: default alternate function(2)
1: Port D3 alternate function = ADC_ETR
2.
Refer to the pinout description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97