| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L152C6 Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L152C6 Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 142 page ![]() DocID15962 Rev 15 31/142 STM8L151x4/6, STM8L152x4/6 Pinout and pin description 58 -16 - - PB3/[TIM2_ETR](4)/ TIM1_CH2N/LCD_SEG13 (2)/ADC1_IN15/ COMP1_INP I/O TT (3) X XX HS X X Port B3 [Timer 2 - external trigger] / Timer 1 inverted channel 2 / LCD segment 13 / ADC1_IN15 / Comparator 1 positive input -- 15 E2 PB3/[TIM2_ETR](4)/ TIM1_CH1N/ LCD_SEG13(2)/ ADC1_IN15/RTC_ALARM /COMP1_INP I/O TT (3) X XX HS X X Port B3 [Timer 2 - external trigger] / Timer 1 inverted channel 1/ LCD segment 13 / ADC1_IN15 / RTC alarm/ Comparator 1 positive input 28 - - - PB4(6)/[SPI1_NSS](4)/ LCD_SEG14(2)/ ADC1_IN14/COMP1_INP I/O TT (3) X (6) X(6) XHS X X Port B4 [SPI1 master/slave select] / LCD segment 14 / ADC1_IN14 / Comparator 1 positive input -17 16 D2 PB4(6)/[SPI1_NSS](4)/ LCD_SEG14(2)/ ADC1_IN14/ COMP1_INP/DAC_OUT I/O TT (3) X (6) X(6) XHS X X Port B4 [SPI1 master/slave select] / LCD segment 14 / ADC1_IN14 / DAC output / Comparator 1 positive input 29 - - - PB5/[SPI1_SCK](4)/ LCD_SEG15(2)/ ADC1_IN13/COMP1_INP I/O TT (3) X XX HS X X Port B5 [SPI1 clock] / LCD segment 15 / ADC1_IN13 / Comparator 1 positive input -18 17 D1 PB5/[SPI1_SCK](4)/ LCD_SEG15(2)/ ADC1_IN13/DAC_OUT/ COMP1_INP I/O TT (3) X XX HS X X Port B5 [SPI1 clock] / LCD segment 15 / ADC1_IN13 / DAC output/ Comparator 1 positive input Table 5. Medium-density STM8L151x4/6, STM8L152x4/6 pin description (continued) Pin number Pin name Input Output Default alternate function |