| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72561R6-Auto Fiches technique(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561R6-Auto Fiches technique(HTML) 110 Page - STMicroelectronics |
|
110 / 324 page ![]() 16-bit timer ST72561-Auto 110/324 Doc ID 12370 Rev 8 Figure 52. Input capture block diagram Figure 53. Input capture timing diagram 12.3.5 Output compare In this section, the index, i, may be 1 or 2 because there are two output compare functions in the 16-bit timer. This function can be used to control an output waveform or indicate when a period of time has elapsed. When a match is found between the Output Compare register and the free running counter, the output compare function: ● Assigns pins with a programmable value if the OCiE bit is set ● Sets a flag in the status register ● Generates an interrupt if enabled Two 16-bit registers Output Compare Register 1 (OC1R) and Output Compare Register 2 (OC2R) contain the value to be compared to the counter register each timer clock cycle. ICIE CC0 CC1 16-BIT FREE RUNNING COUNTER IEDG1 (Control Register 1) CR1 (Control Register 2) CR2 ICF2 ICF1 0 0 0 (Status Register) SR IEDG2 ICAP1 ICAP2 EDGE DETECT CIRCUIT2 16-BIT IC1R Register IC2R Register EDGE DETECT CIRCUIT1 pin pin FF01 FF02 FF03 FF03 TIMER CLOCK COUNTER REGISTER ICAPi PIN ICAPi FLAG ICAPi REGISTER Note: The rising edge is the active edge. MS Byte LS Byte OCiROCiHR OCiLR |