Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72561R6-Auto Fiches technique(PDF) 64 Page - STMicroelectronics

No de pièce ST72561R6-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R6-Auto Fiches technique(HTML) 64 Page - STMicroelectronics

Back Button ST72561R6-Auto Datasheet HTML 60Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 61Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 62Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 63Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 64Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 65Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 66Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 67Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 324 page
background image
Power saving modes
ST72561-Auto
64/324
Doc ID 12370 Rev 8
In this mode, the master clock frequency (fOSC2) can be divided by 2, 4, 8 or 16. The CPU
and peripherals are clocked at this lower frequency (fCPU).
Note:
SLOW-WAIT mode is activated by entering WAIT mode while the device is in SLOW mode.
Figure 23.
SLOW mode clock transitions
7.3
Wait mode
WAIT mode places the MCU in a low power consumption mode by stopping the CPU.
This power saving mode is selected by calling the ‘WFI’ instruction.
All peripherals remain active. During WAIT mode, the I[1:0] bits of the CC register are forced
to ‘10’, to enable all interrupts. All other registers and memory remain unchanged. The MCU
remains in WAIT mode until an interrupt or RESET occurs, whereupon the Program Counter
branches to the starting address of the interrupt or Reset service routine.
The MCU will remain in WAIT mode until a Reset or an Interrupt occurs, causing it to wake
up.
Refer to Figure 24
00
01
SMS
CP1:0
fCPU
NEW SLOW
NORMAL RUN MODE
FREQUENCY
REQUEST
REQUEST
fOSC2
fOSC2/2
fOSC2/4
fOSC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More