| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L151C3 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151C3 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 122 page ![]() DocID018780 Rev 9 29/122 STM8L151x2, STM8L151x3 Pinout and pin description 49 43 29 25 17 20 PC4/USART_CK]/ I2C_SMB/CCO/ ADC1_IN4/ COMP1_INP/ COMP2_INM I/O - X XX HS X X Port C4 USART synchronous clock / I2C1_SMB / Configurable clock output / ADC1_IN4/ Comparator1 positive input/Comparator 2 negative input 44 30 26 18 1 PC5/OSC32_IN /[SPI1_NSS](2)/ [USART_TX](2)/ TIM2_CH1(6) I/O - X XX HS X X Port C5 LSE oscillator input / [SPI master/slave select] / [USART transmit]/ Timer 2 -channel 1(6) 45 31 27 19 2 PC6/OSC32_OUT/ [SPI_SCK](2)/ [USART_RX](2)/ TIM2_CH2(6) I/O - X XX HS X X Port C6 LSE oscillator output / [SPI clock] / [USART receive]/ Timer 2 -channel 2(6) 46 -- -- PC7/ADC1_IN3/ COMP1_INP/ COMP2_INM I/O - X XX HS X X Port C7 ADC1_IN3/ Comparator1 positive input/Comparator 2 negative input 20 986 9 PD0/TIM3_CH2/ [ADC1_TRIG](2)/ ADC1_IN22/ COMP1_INP/ COMP2_INP I/O - X XX HS X X Port D0 Timer 3 - channel 2 / [ADC1_Trigger] / ADC1_IN22/ Comparator1 positive input/Comparator 2 positive input 21 10 9 - - PD1/TIM3_ETR/ ADC1_IN21/ COMP1_INP/ COMP2_INP I/O - X XX HS X X Port D1 Timer 3 - external trigger / ADC1_IN21/ Comparator1 positive input/Comparator 2 positive input 22 11 10 - - PD2/ADC1_IN20/ COMP1_INP I/O - X XX HS X X Port D2 ADC1_IN20/ Comparator1 positive input 23 12 11 - - PD3/ADC1_IN19/ RTC_CALIB(7)/ COMP1_INP I/O - X XX HS X X Port D3 ADC1_IN19/ RTC calibration(7)/ Comparator1 positive input 33 21 20 - - PD4/ADC1_IN10/ COMP1_INP I/O - X XX HS X X Port D4 ADC1_IN10/ Comparator1 positive input Table 4. Low-density STM8L151x2/3 pin description (continued) Pin number Pin name Input Output Default alternate function |