| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72361AR4-Auto Fiches technique(PDF) 265 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361AR4-Auto Fiches technique(HTML) 265 Page - STMicroelectronics |
|
265 / 279 page ![]() ST72361xx-Auto Device configuration and ordering information Doc ID 12468 Rev 3 265/279 21.3 Transfer of customer code Customer code is made up of the ROM/FASTROM contents and the list of the selected options (if any). The ROM/FASTROM contents are to be sent on diskette, or by electronic means, with the S19 hexadecimal file generated by the development tool. All unused bytes must be set to FFh. The selected options are communicated to STMicroelectronics using the correctly completed OPTION LIST appended. Refer to application note AN1635 for information on the counter listing returned by ST after code has been transferred. The STMicroelectronics sales organization is pleased to provide detailed information on contractual points. The following Figure 153 serves as a guide for ordering. Figure 129. ST72P361xxx-Auto FastROM commercial product structure ST72 P 361 T A /xxx X S Product class ST72 microcontroller Package type T = LQFP Example: Sub-family type 361 = 361 sub-family Family type P = FastROM Temperature range A = -40 °C to 85 °C C = -40 °C to 125 °C Tape and Reel conditioning options (left blank if Tray) TR or R = Pin 1 left-oriented TX or X = Pin 1 right-oriented (EIA 481-C compliant) ECOPACK/Fab code Blank or E = Lead-free ECOPACK® Phoenix Fab S = Lead-free ECOPACK® Catania Fab Code name Defined by STMicroelectronics. Denotes ROM code, pinout and program memory size. |