Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72361J7-Auto Fiches technique(PDF) 106 Page - STMicroelectronics

No de pièce ST72361J7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361J7-Auto Fiches technique(HTML) 106 Page - STMicroelectronics

Back Button ST72361J7-Auto Datasheet HTML 102Page - STMicroelectronics ST72361J7-Auto Datasheet HTML 103Page - STMicroelectronics ST72361J7-Auto Datasheet HTML 104Page - STMicroelectronics ST72361J7-Auto Datasheet HTML 105Page - STMicroelectronics ST72361J7-Auto Datasheet HTML 106Page - STMicroelectronics ST72361J7-Auto Datasheet HTML 107Page - STMicroelectronics ST72361J7-Auto Datasheet HTML 108Page - STMicroelectronics ST72361J7-Auto Datasheet HTML 109Page - STMicroelectronics ST72361J7-Auto Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 279 page
background image
16-bit timer
ST72361xx-Auto
106/279
Doc ID 12468 Rev 3
Figure 49.
Counter timing diagram, internal clock divided by 2
Figure 50.
Counter timing diagram, internal clock divided by 4
Figure 51.
Counter timing diagram, internal clock divided by 8
Note:
The MCU is in reset state when the internal reset signal is high, when it is low the MCU is
running.
12.3.3
Input capture
In this section, the index, i, may be 1 or 2 because there are two input capture functions in
the 16-bit timer.
The two 16-bit input capture registers (IC1R and IC2R) are used to latch the value of the
free running counter after a transition is detected on the ICAPi pin (see Figure 5).
ICiR register is a read-only register.
CPU CLOCK
FFFD FFFE FFFF 0000
0001
0002
0003
INTERNAL RESET
TIMER CLOCK
COUNTER REGISTER
TIMER OVERFLOW FLAG (TOF)
FFFC
FFFD
0000
0001
CPU CLOCK
INTERNAL RESET
TIMER CLOCK
COUNTER REGISTER
TIMER OVERFLOW FLAG (TOF)
CPU CLOCK
INTERNAL RESET
TIMER CLOCK
COUNTER REGISTER
TIMER OVERFLOW FLAG (TOF)
FFFC
FFFD
0000
MS Byte
LS Byte
ICiR
ICiHR
ICiLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More