| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72361J7-Auto Fiches technique(PDF) 103 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361J7-Auto Fiches technique(HTML) 103 Page - STMicroelectronics |
|
103 / 279 page ![]() ST72361xx-Auto 16-bit timer Doc ID 12468 Rev 3 103/279 12.3 Functional description 12.3.1 Counter The main block of the Programmable Timer is a 16-bit free running upcounter and its associated 16-bit registers. The 16-bit registers are made up of two 8-bit registers called high and low. Counter Register (CR): ● Counter High Register (CHR) is the most significant byte (MS Byte). ● Counter Low Register (CLR) is the least significant byte (LS Byte). Alternate Counter Register (ACR) ● Alternate Counter High Register (ACHR) is the most significant byte (MS Byte). ● Alternate Counter Low Register (ACLR) is the least significant byte (LS Byte). These two read-only 16-bit registers contain the same value but with the difference that reading the ACLR register does not clear the TOF bit (Timer overflow flag), located in the Status register, (SR), (see note at the end of paragraph titled 16-bit read sequence). Writing in the CLR register or ACLR register resets the free running counter to the FFFCh value. Both counters have a reset value of FFFCh (this is the only value which is reloaded in the 16-bit timer). The reset value of both counters is also FFFCh in One Pulse mode and PWM mode. The timer clock depends on the clock control bits of the CR2 register, as illustrated in Table 50. The value in the counter register repeats every 131072, 262144 or 524288 CPU clock cycles depending on the CC[1:0] bits. The timer frequency can be fCPU/2, fCPU/4, fCPU/8 or an external frequency. |