| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72361K9-Auto Fiches technique(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361K9-Auto Fiches technique(HTML) 47 Page - STMicroelectronics |
|
47 / 279 page ![]() ST72361xx-Auto Supply, reset and clock management Doc ID 12468 Rev 3 47/279 Application notes The LVDRF flag is not cleared when another RESET type occurs (external or watchdog), the LVDRF flag remains set to keep trace of the original failure. In this case, a watchdog reset can be detected by software while an external reset can not. Caution: When the LVD is not activated with the associated option byte, the WDGRF flag cannot be used in the application. Table 11. Reset source flags RESET sources LVDRF WDGRF External RESET pin 0 0 Watchdog 1 LVD 1 X |