Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72345C4 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 10Page - STMicroelectronics ST72345C4 Datasheet HTML 11Page - STMicroelectronics ST72345C4 Datasheet HTML 12Page - STMicroelectronics ST72345C4 Datasheet HTML 13Page - STMicroelectronics ST72345C4 Datasheet HTML 14Page - STMicroelectronics ST72345C4 Datasheet HTML 15Page - STMicroelectronics ST72345C4 Datasheet HTML 16Page - STMicroelectronics ST72345C4 Datasheet HTML 17Page - STMicroelectronics ST72345C4 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 247 page
background image
List of figures
ST72344xx, ST2345xx
14/247
Doc ID 12321 Rev 6
Figure 100. Typical VOL at VDD = 3 V (std I/Os) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 217
Figure 101. Typical VOL at VDD = 5 V (std I/Os) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 217
Figure 102. Typical VOL at VDD = 2.4 V (high-sink I/Os) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 218
Figure 103. Typical VOL at VDD = 3 V (high-sink I/Os). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 218
Figure 104. Typical VOL at VDD = 5 V (high-sink I/Os) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 218
Figure 105. Typical VOL vs. VDD (std I/Os, 2 mA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 219
Figure 106. Typical VOL vs. VDD (std I/Os, 6 mA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 219
Figure 107. Typical VOL vs. VDD (HS I/Os, IIO = 8 mA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 219
Figure 108. Typical VOL vs. VDD (HS I/Os, IIO = 2 mA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
Figure 109. Typical VOL vs. VDD (HS I/Os, IIO = 12 mA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
Figure 110. Typical VDD – vOH at VDD = 2.4 V (std I/Os) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
Figure 111. Typical VDD – VOH at VDD = 3 V (std I/Os) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 221
Figure 112. Typical VDD – VOH at VDD = 4 V (std) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 221
Figure 113. Typical VDD – VOH at VDD = 5 V (std) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 221
Figure 114. Typical VDD – VOH vs. VDD (high sink) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 222
Figure 115. RESET pin protection when LVD is enabled(1)(2)(3)(4). . . . . . . . . . . . . . . . . . . . . . . . . . 223
Figure 116. RESET pin protection when LVD is disabled (1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 223
Figure 117. ADC accuracy characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225
Figure 118. Typical A/D converter application . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 226
Figure 119. 32-pin low profile quad flat package (7 x 7 mm) outline . . . . . . . . . . . . . . . . . . . . . . . . . . 227
Figure 120. 40-lead very thin fine pitch quad flat no-lead package outline . . . . . . . . . . . . . . . . . . . . . 228
Figure 121. 44-pin low profile quad flat package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 229
Figure 122. 48-pin low profile quad flat package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 230
Figure 123. ST7234x ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More