Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F296 Fiches technique(PDF) 129 Page - STMicroelectronics

No de pièce ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Fiches technique(HTML) 129 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 125Page - STMicroelectronics ST10F296 Datasheet HTML 126Page - STMicroelectronics ST10F296 Datasheet HTML 127Page - STMicroelectronics ST10F296 Datasheet HTML 128Page - STMicroelectronics ST10F296 Datasheet HTML 129Page - STMicroelectronics ST10F296 Datasheet HTML 130Page - STMicroelectronics ST10F296 Datasheet HTML 131Page - STMicroelectronics ST10F296 Datasheet HTML 132Page - STMicroelectronics ST10F296 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
129/346
Figure 33.
Block diagram of a Port 0 pin
Direction
latch
Write DP0H.y/DP0L.y
Read DP0H.y/DP0L.y
Port output
latch
Write P0H.y/P0L.y
Read P0H.y/P0L.y
MUX
0
1
MUX
0
1
Alternate
data
output
MUX
0
1
Alternate
direction
Input
latch
Clock
P0H.y
P0L.y
Output
buffer
y = 7 to 0
Alternate
function
enable
Port data
output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More