Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F296 Fiches technique(PDF) 122 Page - STMicroelectronics

No de pièce ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Fiches technique(HTML) 122 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 118Page - STMicroelectronics ST10F296 Datasheet HTML 119Page - STMicroelectronics ST10F296 Datasheet HTML 120Page - STMicroelectronics ST10F296 Datasheet HTML 121Page - STMicroelectronics ST10F296 Datasheet HTML 122Page - STMicroelectronics ST10F296 Datasheet HTML 123Page - STMicroelectronics ST10F296 Datasheet HTML 124Page - STMicroelectronics ST10F296 Datasheet HTML 125Page - STMicroelectronics ST10F296 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
122/346
PICON register
XPICON register
PICON (F1C4h/E2h)
ESFR
Reset value: --00h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
P8
LIN
P7
LIN
P6
LIN
P4
LIN
P3
HIN
P3
LIN
P2
HIN
P2
LIN
-
RW
RW
RW
RW
RW
RW
RW
RW
Table 61.
PICON register description
Bit
Bit name
Function
15-8
-
Reserved
7, 6, 5, 4,
2, 0
PxLIN
Port x low byte input level selection
0: Pins Px.7 to Px.0 switch on standard TTL input levels
1: Pins Px.7 to Px.0 switch on standard CMOS input levels
3, 1
PxHIN
Port x high byte input level selection
0: Pins Px.15 to Px.8 switch on standard TTL input levels
1: Pins Px.15 to Px.8 switch on standard CMOS input levels
XPICON (EB26h)
XBus
Reset value: --00h
15
14
13
12
11
10
987
65432
10
Reserved
P5
HIN
P5
LIN
P1
HIN
P1
LIN
P0
HIN
P0
LIN
-
RWRWRWRW
RWRW
Table 62.
XPICON register description
Bit
Bit name
Function
15-6
-
Reserved
5, 3, 1
PxHIN
Port x high byte input level selection
0: Pins Px.15 to Px.8 switch on standard TTL input levels
1: Pins Px.15 to Px.8 switch on standard CMOS input levels
4, 2, 0
PxLIN
Port x low byte input level selection
0: Pins Px.7 to Px.0 switch on standard TTL input levels
1: Pins Px.7 to Px.0 switch on standard CMOS input levels
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More