Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC1K6-Auto Fiches technique(PDF) 274 Page - STMicroelectronics

No de pièce ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Fiches technique(HTML) 274 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 270Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 271Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 272Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 273Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 274Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 275Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 276Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 277Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 278Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
274/371
1001
10
No D event filter
1010
11
1011
12
1100
13
1101
14
1110
15
1111
16
1.
Sampling is done at the selected fSCF frequency.
Table 141.
D window filter setting(1)
1.
Times are indicated for 4 MHz fPERIPH.
DWF3
DWF2
DWF1
DWF0
C to D window filter in
sensorless mode (SR = 0)
SR = 1
0000
5 µs
No window filter after C event
0001
10 µs
0010
15 µs
0011
20 µs
0100
25 µs
0101
30 µs
0110
35 µs
0111
40 µs
1000
60 µs
1001
80 µs
1010
100 µs
1011
120 µs
1100
140 µs
1101
160 µs
1110
180 µs
1111
200 µs
Table 140.
D event filter setting(1) (continued)
DEF3
DEF2
DEF1
DEF0
D event samples
SR = 1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More