Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC1K6-Auto Fiches technique(PDF) 60 Page - STMicroelectronics

No de pièce ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Fiches technique(HTML) 60 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 56Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 57Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 58Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 59Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 60Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 61Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 62Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 63Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Interrupts
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
60/371
Figure 16.
Interrupt processing flowchart
7.2.1
Servicing pending interrupts
As several interrupts can be pending at the same time, the interrupt to be taken into account
is determined by the following two-step process:
●
the highest software priority interrupt is serviced,
●
if several interrupts have the same software priority then the interrupt with the highest
hardware priority is serviced first.
Figure 17 describes this decision process.
Table 16.
Interrupt software priority levels
Interrupt software priority
Level
I1
I0
Level 0 (main)
Low
High
10
Level 1
0
1
Level 2
0
0
Level 3 (interrupt disable)
1
1
‘IRET’
Restore PC, X, A, CC
Stack PC, X, A, CC
Load I1:0 from interrupt SW reg.
Fetch next
Reset
MCES
Pending
instruction
I1:0
from stack
Load PC from interrupt vector
Y
N
Y
N
Y
N
Interrupt has the same or a
lower software priority
The interrupt
stays pending
than current one
Interrupt has a higher
software priority
than current one
Execute
instruction
interrupt
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More