Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7LITE49K2 Fiches technique(PDF) 232 Page - STMicroelectronics

No de pièce ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Fiches technique(HTML) 232 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 228Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 229Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 230Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 231Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 232Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 233Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 234Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 235Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 236Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 245 page
background image
Device configuration and ordering information
ST7LITE49K2
232/245
Bit 1 = FMP_R Read-out protection
Read-Out Protection, when selected provides a protection against program memory
content extraction and against write access to Flash memory. Erasing the option bytes
when the FMP_R option is selected will cause the whole memory to be erased first,
and the device can be reprogrammed. Refer to Section 4.5 on page 28 and the ST7
Flash Programming Reference Manual for more details.
0: Read-Out Protection off
1: Read-Out Protection on
Bit 0 = FMP_W Flash write protection
This option indicates if the Flash program memory is write protected.
0: Write protection off
1: Write protection on
Warning:
When the Flash write protection is selected, the program
memory (and the option bit itself) can never be erased or
programmed again.
Table 109.
Configuration of sector size
Sector 0 Size
SEC1
SEC0
0.5k
00
1k
01
2k
10
4k
11
Option byte 0
70
Option byte 1
70
AWU
CK
OSCRANGE[2:0]
SEC
1
SEC
0
FMP
R
FMP
W
CK
SEL1
CK
SEL0
Res
PLL
32
OFF
LVD1 LVD0
WDG
SW
WDG
HALT
Default value
1
1
1
1
1
1
0
0
0
0
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More