Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7FOXU0 Fiches technique(PDF) 120 Page - STMicroelectronics

No de pièce ST7FOXU0
Description  1 additional output line
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXU0 Fiches technique(HTML) 120 Page - STMicroelectronics

Back Button ST7FOXU0 Datasheet HTML 115Page - STMicroelectronics ST7FOXU0 Datasheet HTML 116Page - STMicroelectronics ST7FOXU0 Datasheet HTML 117Page - STMicroelectronics ST7FOXU0 Datasheet HTML 118Page - STMicroelectronics ST7FOXU0 Datasheet HTML 119Page - STMicroelectronics ST7FOXU0 Datasheet HTML 120Page - STMicroelectronics ST7FOXU0 Datasheet HTML 121Page - STMicroelectronics ST7FOXU0 Datasheet HTML 122Page - STMicroelectronics ST7FOXU0 Datasheet HTML 123Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 120 / 123 page
background image
Package characteristics
ST7FOXU0
120/123
Figure 45.
8-pin plastic dual in-line outline package - 300-mil width, package outline
Table 65.
8-pin plastic dual in-line outline package - 300-mil width, mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A5.33
0.2098
A1
0.38
0.0150
A2
3.3
2.92
4.95
0.1299
0.1150
0.1949
b
0.46
0.36
0.56
0.0181
0.0142
0.0220
b2
1.52
1.14
1.78
0.0598
0.0449
0.0701
c
0.25
0.2
0.36
0.0098
0.0079
0.0142
D
9.27
9.02
10.16
0.3650
0.3551
0.4000
E
7.87
7.62
8.26
0.3098
0.3000
0.3252
E1
6.35
6.1
7.11
0.2500
0.2402
0.2799
e
2.54
-
-
0.1000
eA
7.62
-
-
0.3000
eB
10.92
0.4299
L
3.3
2.92
3.81
0.1299
0.1150
0.1500
PDIP-B
A2
A1
A
L
be
D
E1
8
1
c
eA
b2
eB
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More