Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7FOXU0 Fiches technique(PDF) 118 Page - STMicroelectronics

No de pièce ST7FOXU0
Description  1 additional output line
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXU0 Fiches technique(HTML) 118 Page - STMicroelectronics

Back Button ST7FOXU0 Datasheet HTML 114Page - STMicroelectronics ST7FOXU0 Datasheet HTML 115Page - STMicroelectronics ST7FOXU0 Datasheet HTML 116Page - STMicroelectronics ST7FOXU0 Datasheet HTML 117Page - STMicroelectronics ST7FOXU0 Datasheet HTML 118Page - STMicroelectronics ST7FOXU0 Datasheet HTML 119Page - STMicroelectronics ST7FOXU0 Datasheet HTML 120Page - STMicroelectronics ST7FOXU0 Datasheet HTML 121Page - STMicroelectronics ST7FOXU0 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 123 page
background image
Package characteristics
ST7FOXU0
118/123
14
Package characteristics
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More