| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7DALIF2 Fiches technique(PDF) 123 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7DALIF2 Fiches technique(HTML) 123 Page - STMicroelectronics |
|
123 / 171 page ![]() ST7DALIF2 Instruction set 123/171 19.1.7 Relative mode (direct, indirect) This addressing mode is used to modify the PC register value, by adding an 8-bit signed offset to it. . The relative addressing mode consists of two submodes: Relative (direct) The offset follows the opcode. Relative (indirect) The offset is defined in the memory, the address of which follows the opcode. 19.2 Instruction groups The ST7 family devices use an Instruction Set consisting of 63 instructions. The instructions may be subdivided into 13 main groups as illustrated in the following table: Table 59. Relative direct and indirect instructions and functions Available relative direct/indirect instructions Function JRxx Conditional Jump CALLR Call Relative Table 60. Instruction groups Group Instructions Load and Transfer LD CLR Stack operation PUSH POP RSP Increment/Decrement INC DEC Compare and Tests CP TNZ BCP Logical operations AND OR XOR CPL NEG Bit operation BSET BRES Conditional Bit Test and Branch BTJT BTJF Arithmetic operations ADC ADD SUB SBC MUL Shift and Rotates SLL SRL SRA RLC RRC SWAP SLA Unconditional Jump or Call JRA JRT JRF JP CALL CALLR NOP RET Conditional Branch JRxx Interruption management TRAP WFI HALT IRET Condition Code Flag modification SIM RIM SCF RCF |