| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC563M64L7 Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC563M64L7 Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 48 page ![]() SPC563Mxx Revision history Doc ID 13850 Rev 6 45/48 18-May-2011 4 Internal review. Block diagram updated: – Test Controller removed. Device Summary (device comparison) table updated: – The SPC563M64 will not be offered in an LQFP100 package. – Footnote added clarifying the number of eQADC channels. Feature list: – “Single power supply” applies to all packages. (previously stated 100- and 144-pin packages) – “Nexus pins powered by 3.3 V supply” applies to all packages. (previously stated LBGA208 and LQFP176 packages) – Calibration pin voltages deleted – Details added to eTPU and eQADC features – eMIOS features updated – eTPU renamed to ETPU2; features updated Orderable parts table updated Table 4. Revision history Date Revision Description |