| Moteur de recherche de fiches techniques de composants électroniques |
|
LQFP100 Fiches technique(PDF) 104 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LQFP100 Fiches technique(HTML) 104 Page - STMicroelectronics |
|
104 / 133 page ![]() Electrical characteristics SPC560B54x/6x 104/133 DocID15131 Rev 9 Figure 21. ADC_1 characteristic and error definitions (2) (1) (3) (4) (5) Offset Error (EO) Offset Error (EO) Gain Error (EG) 1 LSB (ideal) 4095 4094 4093 4092 4091 4090 5 4 3 2 1 0 7 6 1 2 3 4 5 6 7 409040914092409340944095 (1) Example of an actual transfer curve (2) The ideal transfer curve (3) Differential non-linearity error (DNL) (4) Integral non-linearity error (INL) (5) Center of a step of the actual transfer curve 1 LSB ideal = VDD_ADC / 4096 Vin(A) (LSBideal) code out Table 46. ADC_1 conversion characteristics (12-bit ADC_1) Symbol C Parameter Conditions(1) Value Unit Min Typ Max VSS_ADC1 SR — Voltage on VSS_HV_ADC1 (ADC_1 reference) pin with respect to ground (VSS) (2) —–0.1 — 0.1 V VDD_ADC1 SR — Voltage on VDD_HV_ADC1 pin (ADC_1 reference) with respect to ground (VSS) —VDD – 0.1 — VDD + 0.1 V VAINx SR — Analog input voltage(3) — VSS_ADC1 – 0.1 — VDD_ADC1 + 0.1 V |