| Moteur de recherche de fiches techniques de composants électroniques |
|
LQFP144 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LQFP144 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 133 page ![]() DocID15131 Rev 9 9/133 SPC560B54x/6x Introduction 132 OPWM / ICOC(9) 13 ch 33 ch 13 ch 33 ch 33 ch 13 ch 33 ch 33 ch 33 ch SCI (LINFlex) 4 8 4 8 10 4 8 10 10 SPI (DSPI) 3 5 3 5 6 3 5 6 6 CAN (FlexCAN) 6 I2C 1 32 KHz oscillator Yes GPIO(10) 77 121 77 121 149 77 121 149 149 Debug JTAG N2+ Package LQFP 100 LQFP 144 LQFP 100 LQFP 144 LQFP 176 LQFP 100 LQFP 144 LQFP 176 LBGA208(11) 1. Feature set dependent on selected peripheral multiplexing; table shows example. 2. Based on 125 C ambient operating temperature. 3. Not shared with 12-bit ADC, but possibly shared with other alternate functions. 4. Not shared with 10-bit ADC, but possibly shared with other alternate functions. 5. See the eMIOS section of the chip reference manual for information on the channel configuration and functions. 6. Each channel supports a range of modes including Modulus counters, PWM generation, Input Capture, Output Compare. 7. Each channel supports a range of modes including PWM generation with dead time, Input Capture, Output Compare. 8. Each channel supports a range of modes including PWM generation, Input Capture, Output Compare, Period and Pulse width measurement. 9. Each channel supports a range of modes including PWM generation, Input Capture, and Output Compare. 10. Maximum I/O count based on multiplexing with peripherals. 11. LBGA208 available only as development package for Nexus2+. Table 2. SPC560B54/6x family comparison(1) (continued) Feature SPC560B54 SPC560B60 SPC560B64 |