Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EL54x Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce SPC56EL54x
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL54x Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button SPC56EL54x Datasheet HTML 36Page - STMicroelectronics SPC56EL54x Datasheet HTML 37Page - STMicroelectronics SPC56EL54x Datasheet HTML 38Page - STMicroelectronics SPC56EL54x Datasheet HTML 39Page - STMicroelectronics SPC56EL54x Datasheet HTML 40Page - STMicroelectronics SPC56EL54x Datasheet HTML 41Page - STMicroelectronics SPC56EL54x Datasheet HTML 42Page - STMicroelectronics SPC56EL54x Datasheet HTML 43Page - STMicroelectronics SPC56EL54x Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 165 page
background image
Package pinouts and signal descriptions
SPC56ELx, SPC564Lx
40/165
DocID15457 Rev 12
48
VDD_LV_COR
—
49
VSS_LV_COR
—
50
VDD_HV_PMU
—
51
A[0]
SIUL
GPIO[0]
GPIO[0]
eTimer_0
ETC[0]
ETC[0]
DSPI_2
SCK
SCK
SIUL
—
EIRQ[0]
52
A[1]
SIUL
GPIO[1]
GPIO[1]
eTimer_0
ETC[1]
ETC[1]
DSPI_2
SOUT
—
SIUL
—
EIRQ[1]
53
D[10]
SIUL
GPIO[58]
GPIO[58]
FlexPWM_0
A[0]
A[0]
eTimer_0
—
ETC[0]
54
D[11]
SIUL
GPIO[59]
GPIO[59]
FlexPWM_0
B[0]
B[0]
eTimer_0
—
ETC[1]
55
C[11]
SIUL
GPIO[43]
GPIO[43]
eTimer_0
ETC[4]
ETC[4]
DSPI_2
CS2
—
56
C[12]
SIUL
GPIO[44]
GPIO[44]
eTimer_0
ETC[5]
ETC[5]
DSPI_2
CS3
—
57
A[2]
SIUL
GPIO[2]
GPIO[2]
eTimer_0
ETC[2]
ETC[2]
FlexPWM_0
A[3]
A[3]
DSPI_2
—
SIN
MC_RGM
—
ABS[0]
SIUL
—
EIRQ[2]
58
B[5]
SIUL
GPIO[21]
GPIO[21]
JTAGC
—
TDI
59
TMS
—
60
TCK
—
61
B[4]
SIUL
GPIO[20]
GPIO[20]
JTAGC
TDO
—
Table 3. LQFP100 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More