Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EL54x Fiches technique(PDF) 141 Page - STMicroelectronics

No de pièce SPC56EL54x
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL54x Fiches technique(HTML) 141 Page - STMicroelectronics

Back Button SPC56EL54x Datasheet HTML 137Page - STMicroelectronics SPC56EL54x Datasheet HTML 138Page - STMicroelectronics SPC56EL54x Datasheet HTML 139Page - STMicroelectronics SPC56EL54x Datasheet HTML 140Page - STMicroelectronics SPC56EL54x Datasheet HTML 141Page - STMicroelectronics SPC56EL54x Datasheet HTML 142Page - STMicroelectronics SPC56EL54x Datasheet HTML 143Page - STMicroelectronics SPC56EL54x Datasheet HTML 144Page - STMicroelectronics SPC56EL54x Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 165 page
background image
DocID15457 Rev 12
141/165
SPC56ELx, SPC564Lx
Electrical characteristics
164
Figure 30. Nexus TDI, TMS, TDO timing
3.21.5
External interrupt timing (IRQ pin)
TDO/RDY
8
9
TMS, TDI
10
TCK
6
7
Table 40. External interrupt timing
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1tIPWL
D IRQ pulse width low
—
3
—
tCYC
2tIPWH
D IRQ pulse width high
—
3
—
tCYC
3tICYC
D IRQ edge to edge time(1)
—6
—
tCYC
1. Applies when IRQ pins are configured for rising edge or falling edge events, but not both.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More