| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EL54x Fiches technique(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL54x Fiches technique(HTML) 81 Page - STMicroelectronics |
|
81 / 165 page ![]() B[6] PCR[22] SIUL GPIO[22] ALT0 GPIO[22] — —F S 96 138 B3 MC_CGM clk_out ALT1 — — DSPI_2 CS2 ALT2 — — SIUL — EIRQ[18] — B[7] PCR[23] SIUL — ALT0 GPI[23] — —— — 30 43 R5 LINFlexD_0 — — RXD PSMI[31]; PADSEL=1 ADC_0 — — AN[0](3) — B[8] PCR[24] SIUL — ALT0 GPI[24] — —— — 31 47 P7 eTimer_0 — — ETC[5] PSMI[8]; PADSEL=2 ADC_0 — — AN[1](3) — B[9] PCR[25] SIUL — ALT0 GPI[25] — —— — 35 52 U7 ADC_0 ADC_1 —— AN[11](3) — B[10] PCR[26] SIUL — ALT0 GPI[26] — —— — 36 53 R8 ADC_0 ADC_1 —— AN[12](3) — B[11] PCR[27] SIUL — ALT0 GPI[27] — —— — 37 54 T8 ADC_0 ADC_1 —— AN[13](3) — B[12] PCR[28] SIUL — ALT0 GPI[28] — —— — 38 55 U8 ADC_0 ADC_1 —— AN[14](3) — Table 8. Pin muxing (continued) Port name PCR Peripheral Alternate output function Output mux sel Input functions Input mux select Weak pull config during reset Pad speed(1) Pin # SRC = 1 SRC = 0 100 pkg 144 pkg 257 pkg |